Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download HMC609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC609
v01.0707
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
1
LOW NOISE AMPLIFIERS - CHIP
Typical Applications
The HMC609 is ideal for: * Fixed Microwave * Point-to-Multi-Point Radios * Test & Measurement Equipment * Radar & Sensors * Military & Space
Features
Excellent Gain Flatness: 0.2 dB High Gain: 20.5 dB Low Noise Figure: 3 dB Output IP3: +36 dBm Output P1dB: +22 dBm 50 Ohm Matched Input/Output Die Size: 2.1 x 1.3 x 0.1 mm
Functional Diagram
General Description
The HMC609 is a GaAs PHEMT MMIC Low Noise Amplifier (LNA) chip which operates from 2 to 4 GHz. The HMC609 features extremely flat performance characteristics including 20 dB of small signal gain, 3.0 dB of noise figure and output IP3 of +36 dBm across the operating band. This versatile LNA is ideal for hybrid and MCM assemblies due to its compact size, consistent output power and DC blocked RF I/ O's. All data is measured with the chip in a 50 Ohm test fixture connected via two 0.025 mm (1 mil) diameter bondwires of minimal length 0.31 mm (12 mil).
Electrical Specifications, TA = +25 C, Vdd1 = Vdd2 = +6V, Idd1 + Idd2 = 170 mA *
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current (Idd1 + Idd2) *Adjust Vgg1 = Vgg2 between -1.5V to -0.5V (typ. -0.9V) to achieve total drain bias of 170mA 18 19 Min. Typ. 2-4 20.5 0.005 3 20 17 21 22 36 170 220 0.01 4 Max. Units GHz dB dB/ C dB dB dB dBm dBm dBm mA
1 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC609
v01.0707
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
Broadband Gain & Return Loss
25 20 15 RESPONSE (dB) 10 5 0 -5 -10 -15 -20 -25 -30 1 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
S21 S11 S22
Gain vs. Temperature
22 21 20 GAIN (dB) 19 18 17 16 15 2 2.25 2.5 2.75 3 3.25 3.5 3.75 4 FREQUENCY (GHz)
1
LOW NOISE AMPLIFIERS - CHIP
1 - 109
+25C +85C -55C
Input Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35 2 2.25 2.5 2.75 3 3.25 3.5 3.75 4 FREQUENCY (GHz)
Output Return Loss vs. Temperature
0 -5 RETURN LOSS (dB)
+25C +85C -55C
-10 -15 -20 -25 -30 2 2.25 2.5 2.75 3
+25C +85C -55C
3.25
3.5
3.75
4
FREQUENCY (GHz)
P1dB vs. Temperature
26 25 24 23 P1dB (dBm) 22 21 20 19 18 17 16 2 2.2 2.5 2.7 3 3.2 3.5 3.7 4 FREQUENCY (GHz)
+25C +85C -55C
Psat vs. Temperature
26 25 24 23 Psat (dBm) 22 21 20 19 18 17 16 2 2.2 2.5 2.7 3 3.2 3.5 3.7 4 FREQUENCY (GHz)
+25C +85C -55C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC609
v01.0707
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
1
LOW NOISE AMPLIFIERS - CHIP
Power Compression @ 3 GHz
25 Pout (dBm), GAIN (dB), PAE (%)
Output IP3 vs. Temperature
40 39
20 OIP3 (dBm)
38 37
15
36 35 34 33
+25C +85C -55C
10
Pout Gain PAE
5
32 31
0 -10
30 -8 -6 -4 -2 0 2 4 6 2 2.25 2.5 2.75 3 3.25 3.5 3.75 4 INPUT POWER (dBm) FREQUENCY (GHz)
Noise Figure vs. Temperature
10 9 8 NOISE FIGURE (dB)
+25C +85C -55C
Reverse Isolation vs. Temperature
0 -5 -10 -15 ISOLATION (dB) -20 -25 -30 -35 -40 -45 -50 -55 -60
+25C +85C -55C
7 6 5 4 3 2 1 0 2 2.25 2.5 2.75 3
3.25
3.5
3.75
4
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
FREQUENCY (GHz)
FREQUENCY (GHz)
1 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC609
v01.0707
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) RF Input Power (RFin)(Vdd = +5.0 Vdc) Channel Temperature Continuous Pdiss (T = 85 C) (derate 18 mW/C above 85 C) Thermal Resistance (channel to ground pad) Storage Temperature Operating Temperature 7 Vdc +15 dBm 150 C 1.17 W 55 C/W -65 to +150 C -40 to +85 C
Typical Supply Current vs. Vdd
Vdd (V) +5.5 +6.0 +6.5 Idd (mA) 160 170 180
1
LOW NOISE AMPLIFIERS - CHIP
1 - 111
Note: Amplifier will operate over full voltage range shown above
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Die Packaging Information [1]
Standard ? Alternate [2]
[1] Refer to the "Packaging Information" section for die packaging dimensions. [2] For alternate packaging information contact Hittite Microwave Corporation.
NOTES: 1. ALL DIMENSIONS IN INCHES [MILLIMETERS] 2. DIE THICKNESS IS 0.007" 3. TYPICAL BOND PAD IS 0.004" SQUARE 4. BACKSIDE METALLIZATION: GOLD 5. BACKSIDE METAL IS GROUND 6. BOND PAD METALIZATION: GOLD 7. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS 8. OVERALL DIE SIZE 0.002"
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC609
v01.0707
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
1
LOW NOISE AMPLIFIERS - CHIP
Pad Descriptions
Pad Number 1 2, 5, 6, 10 Die Bottom Function RFIN Description This pad is AC coupled and matched to 50 Ohms from 2 - 4 GHz. These pads & die bottom must be connected to RF/DC ground. Interface Schematic
GND
3, 4
Vdd1, Vdd2
Power Supply Voltage for the amplifier. External bypass capacitors of 100 pF & 0.1 F are required.
7
RFOUT
This pad is AC coupled and matched to 50 Ohms from 2 - 4 GHz.
8, 9
Vgg2, Vgg1
Gates supply voltage for the amplifier. External bypass capacitors of 100 pF and 0.1 F are required.
Assembly Diagram
1 - 112
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC609
v01.0707
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should be brought as close to the die as possible in order to minimize bond wire length. Typical die-to-substrate spacing is 0.076mm (3 mils).
1
Wire Bond
0.076mm (0.003")
RF Ground Plane
Handling Precautions
Follow these precautions to avoid permanent damage. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
0.127mm (0.005") Thick Alumina Thin Film Substrate Figure 1.
0.102mm (0.004") Thick GaAs MMIC
Wire Bond 0.076mm (0.003")
RF Ground Plane
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat.
0.150mm (0.005") Thick Moly Tab 0.254mm (0.010") Thick Alumina Thin Film Substrate Figure 2.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 C and a tool temperature of 265 C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 C. DO NOT expose the chip to a temperature greater than 320 C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire is recommended. Thermosonic wirebonding with a nominal stage temperature of 150 C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
1 - 113
LOW NOISE AMPLIFIERS - CHIP
0.102mm (0.004") Thick GaAs MMIC


▲Up To Search▲   

 
Price & Availability of HMC609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X